| Zakładka z wyszukiwarką danych komponentów |
|
ELM9727NAA Arkusz danych(PDF) 2 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM9727NAA Arkusz danych(HTML) 2 Page - ELM Electronics |
|
2 / 10 page ![]() 148 VOLTAGE DETECTOR ELM97xxxxA ■ ■ ■ ■ ■ SELECTION GUIDE Symbol Ex 09 : VDETN = 0.9V 27 : VDETN = 2.7V 45 : VDETN = 4.5V C : CMOS Output N : N-ch Opendrain Output A : SOT-89 B : SOT-23 e Product Version A : A Version d Package a, b Detection Voltage c Output Form ELM97 x x x x A ELM97 x x x x A ELM97 x x x x A ELM97 x x x x A ELM97 x x x x A ↑↑↑↑↑ ↑↑↑↑↑ ↑↑↑↑↑ ↑↑↑↑↑ ↑↑↑↑↑ a b c d e a b c d e a b c d e a b c d e a b c d e ■ ■ ■ ■ ■ SERIES Detection Output Detection Output Voltage Form Voltage Form ELM9709NBA-S(N) 0.9V N-ch SOT-23 ELM9727CAA-S(N) 2.7V CMOS SOT-89 ELM9710NBA-S(N) 1.0V N-ch SOT-23 ELM9730CAA-S(N) 3.0V CMOS SOT-89 ELM9711NBA-S(N) 1.1V N-ch SOT-23 ELM9732CAA-S(N) 3.2V CMOS SOT-89 ELM9722CAA-S(N) 2.2V CMOS SOT-89 ELM9734CAA-S(N) 3.4V CMOS SOT-89 ELM9724CAA-S(N) 2.4V CMOS SOT-89 ELM9745CAA-S(N) 4.5V CMOS SOT-89 ELM9725CAA-S(N) 2.5V CMOS SOT-89 ELM9748CAA-S(N) 4.8V CMOS SOT-89 S type : Standard, N type : Reverse Model Package Model Package * Available 0.9V~5.0V detection voltage for N-ch output and 2.0V~5.0V detection voltage for CMOS output at 0.1V step as semi-custom-made IC. |