Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS1200B Arkusz danych(PDF) 3 Page - Aeroflex Circuit Technology

Numer części FS1200B
Szczegółowy opis  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AEROFLEX [Aeroflex Circuit Technology]
Strona internetowa  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1200B Arkusz danych(HTML) 3 Page - Aeroflex Circuit Technology

  FS1200B Datasheet HTML 1Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 2Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 3Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 4Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 5Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
3
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
Factory Automation is used extensively throughout the manufac-
turing and test process of all FastSource™ products. Computer
controlled test stations are utilized at board test, system test, burn
in and final ATP.
Our FastSource™ products are fully monitored, and data collected
at +40˚C, during the 8 day burn in process. The units are also
subjected to thermal ESS, shock and vibration.
Bar coding of each module and system during the manufacturing
process assures that configuration and QA processes are docu-
mented and maintained as part of our ISO process.
FS1200B Series
Fast Switching Synthesizer



Html Pages

1 2 3 4 5 6