Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9993BBCZ Arkusz danych(PDF) 24 Page - Analog Devices

Numer części AD9993BBCZ
Szczegółowy opis  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Arkusz danych(HTML) 24 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 20Page - Analog Devices AD9993BBCZ Datasheet HTML 21Page - Analog Devices AD9993BBCZ Datasheet HTML 22Page - Analog Devices AD9993BBCZ Datasheet HTML 23Page - Analog Devices AD9993BBCZ Datasheet HTML 24Page - Analog Devices AD9993BBCZ Datasheet HTML 25Page - Analog Devices AD9993BBCZ Datasheet HTML 26Page - Analog Devices AD9993BBCZ Datasheet HTML 27Page - Analog Devices AD9993BBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AD9993
Data Sheet
Rev. A | Page 24 of 56
Figure 31. Die Temperature Code Readback vs. Die Temperature
Estimates of the ambient temperature can be made if the power
dissipation of the device is known.
51000
49000
47000
45000
43000
41000
39000
37000
35000
–40 –30 –20 –10
0
10
20
TEMPERATURE (°C)
30
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56