| Zakładka z wyszukiwarką danych komponentów |
|
WISE-PAAS Arkusz danych(PDF) 1 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
WISE-PAAS Arkusz danych(HTML) 1 Page - Advantech Co., Ltd. |
|
1 / 3 page ![]() Features Console-Server-Agent structure, where the server can be built in a public or private cloud Centralized remote IPC, IoT device HW & SW status monitoring and management Remote KVM, and support for Intel® iAMT (i5 and i7) Remote power on/off and scheduling Hardware, software and gateway threshold rule and notification Whitelist system protection (powered by ) System backup and one-click recovery (powered by ) Web-based management console Supports device maps (Google, Baidu, floor map…) Data acquisition and data storage Historical data statistics and queries IoT data visualization and 10+ dashboard widgets supported Supports hierarchical server management Supports redundant servers to ensure high availability and service continuity Supports up to 1000 device connections (IPC, IoT Gateway) RESTful API web service for further development and integration with other systems WISE Agent framework support with customized device handler for device connectivity WISE-PaaS/RMM Introduction WISE-PaaS/RMM is part of Advantech WISE-PaaS cloud solution, and focuses on remote device management and monitoring. WISE-PaaS/RMM serves as an IoT device management platform that manages connected devices remotely, providing centralized management features, including HW/SW status monitoring, remote control, system backup/recovery, etc. Moreover, it supports server redundancy and hierarchical server management, which increases service reliability and availability. WISE-PaaS/RMM utilizes standard IoT protocol, like MQTT from IBM, to communicate with IPCs, IoT gateways and sensors, provides WISE Agent framework for data acquisition from devices, and offers RESTful API web service, which allows the user to integrate RMM functions with other applications or do further customization. Feature Details Device Management Monitor remote device status, including device temperature, internet connection, CPU temperature, fan speed, voltage, SW process, CPU/memory usage. System will detect device HW capability, and display items can be monitored. Also provides hierarchical server view, group view, and map view to help the administrator organize and manage the devices more efficiently. Advanced Server Capability WISE-PaaS/RMMs support hierarchical server structure view to allow the administrator to manage services/devices across different subnets at the same time (logically) without compromising network segment privacy. Also, RMM allows a server to set 1 or 2 redundant servers, with which all data will be synced continuously and a redundant server will take over when the primary server is down to ensure service availability. Power Management Sets the power on/off schedule for remotely located devices; the schedule can be set on a daily, weekly, monthly, or yearly basis. Protection Management WISE-PaaS/RMM system protection is powered by , providing white list protection against unauthorized application execution, and also sending warnings of any unauthorized activities. Backup & Recovery WISE-PaaS/RMM system recovery is powered by , providing hot backup and scheduled backup, and also one-click recovery. Event & Notification When events occur, prompt notifications can be sent to administrators by email or SMS. Data Visualization Supports multiple types of data sources, e.g.: WebSocket and http stream, to feed in predefined 10+ widgets, including Google maps, gauge, sparkline, progress bar, HTML, picture, indicator, to present as live and statistical device data on dashboard. WISE-PaaS/RMM Extension Provides RESTful API Web Service, which allows cross-platform integration of RMM functions, and also open WISE Agent framework, which allows a customized handler to collect and process customer device data not defined by default for more flexible device connectivity. IoT Device Remote Monitoring and Management Platform All product specifications are subject to change without notice Last updated : 3-Feb-2016 |
Podobny numer części - WISE-PAAS |
|
Podobny opis - WISE-PAAS |