| Zakładka z wyszukiwarką danych komponentów |
|
DM74LS161AM Arkusz danych(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS161AM Arkusz danych(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 12 page ![]() Parameter Measurement Information Switching Time Waveforms TLF6397 – 3 Note A The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT 50X tr s 10 ns tf s 10 ns Vary PRR to measure fMAX Note B Outputs QD and carry are tested at tna16 where tn is the bit time when all outputs are low Note C VREF e 15V Switching Time Waveforms TLF6397 – 4 Note A The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT 50X tr s 6 ns tf s 6 ns Vary PRR to measure fMAX Note B Enable P and enable T setup times are measured at tna0 Note C VREF e 13V 7 |