| Zakładka z wyszukiwarką danych komponentów |
|
SP238ACT/TR Arkusz danych(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP238ACT/TR Arkusz danych(HTML) 12 Page - Sipex Corporation |
|
12 / 17 page ![]() Date: 8/3/04 + 5V Powered Multi-Channel RS-232 Drivers/Receivers © Copyright 2004 Sipex Corporation 12 cate. Once the computer is powered–up and ready, it will send out a signal on the DTR to inform the printer that it is powered–up and ready to go. The printer really doesn’t care, since it will simply print data as it is received. Accordingly, this pin is not needed at the printer. Data Set Ready (DSR) Peripheral devices use this line to tell the computer that they are on–line and ready to communicate. When the printer is turned on and has completed its self–test routine (assuming it does one), it will send a signal to the PC by asserting this line. Request To Send (RTS) The computer activates this line to notify the peripheral device that it is ready to send data. In this example, the computer notifies the printer that it is ready to send data to be printed by the printer. Clear To Send (CTS) This is the line on which the peripheral device tells the computer that it is ready to receive data from the computer. If the printer was not ready, i.e. it was out of paper, for example, it would not assert this line. Once the printer was ready to receive data from the PC, it would assert this line. When it receives the CTS signal from the printer, the PC knows that a data transmission path has been established between itself and the printer. Transmitted Data (TD or TX) This is the pin on which the computer sends the actual data signal representing the actual informa- tion to be printed, i.e. a positive voltage (+3V to +15V) to represent a logic “0”, and a negative voltage (-3V to -15V) to represent a logic “1”. Ring Indicator (RI) This line is used by the peripheral device to tell the computer that a remote device wants to start com- municating. A modem would activate the RI line to tell the computer that a remote modem was calling, i.e. the phone is ringing. In the case of a printer, this line is unused. Data Carrier Detect (DCD) This line is used by a peripheral device to tell the computer to expect to start receiving data at any time. Since the printer would not be sending data to the PC in this case this line is not needed. Received Data (RD or RX) This is the pin on which the computer receives the incoming data signal, i.e. a positive voltage (+3V to +15V) to represent a logic “0”, and a negative voltage (-3V to -15V) to represent a logic “1”. Again, in this instance, since the printer will not be sending the PC any data, this line is not needed. |