| Zakładka z wyszukiwarką danych komponentów |
|
SP502CF Arkusz danych(PDF) 19 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP502CF Arkusz danych(HTML) 19 Page - Sipex Corporation |
|
19 / 32 page ![]() 19 Rev. 7/21/03 SP502 Multi-Mode Serial Transceiver © Copyright 2003 Sipex Corporation Figure 12. Mode Diagram — EIA-530 RD(a) 70 RxD 1 RD(b) 71 MODE: EIA-530 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 1 1 0 1 1 1 0 1 ST/TT ST TT RxT* 1 Enabled Disabled Active 0 Disabled Enabled Inactive * TT driver must be disabled to allow TT(a) and TT(b) to serve as receiver inputs. * When the RxT receiver is active, TT(a) and TT(b) act as receiver inputs. When the RxT receiver is inactive, it cannot serve as a receiver since its inputs are internally connected to the TT(a) and TT(b) driver outputs. 14 TxD 61 SD(a) 59 SD(b) 15 TxC 42 ST(a) 44 ST(b) 6 ST/TT 63 TT(a) 65 TT(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b) 17 RL 47 RL(a) 24 LL 51 LL(a) RxT 79 |