Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MADR-009269 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części MADR-009269
Szczegółowy opis  Single Driver for GaAs FET or PIN Diode Switches and Attenuators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-009269 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADR-009269 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADR-009269 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Single Driver for GaAs FET or PIN Diode Switches and Attenuators
Rev. V3
MADR-009269
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Guaranteed Operating Ranges4,5,6
4. Unused logic inputs must be tied to either GND or VCC.
5. MACOM recommends that VCC be powered on before VEE, and powered off after VEE.
6. 0.01 µF decoupling capacitors are required on the power supply lines.
7. VOPT is grounded in most cases when FETs are driven. To improve the intermodulation performance and the 1 dB compression point of
GaAs control devices at low frequencies, VOPT can be increased to between 1 and 2 V. The nonlinear characteristics of the GaAs control
devices will approximate performance at 500 MHz. It should be noted that the control current that is on the GaAs MMICs will increase when
positive controls are applied.
8. When this driver is used to drive PIN diodes, VOPT is often set to +5 V, with VEE set to -5 V.
Symbol
Parameter
Unit
Min.
Typ.
Max.
VCC
Positive DC Supply Voltage
V
4.5
5.0
5.5
VEE
Negative DC Supply Voltage
V
-10.5
-5.0
-4.5
VOPT
7,8
Optional DC Output Supply Voltage
V
0
VCC
VOPT - VEE
Negative Supply Voltage Range
V
4.5
Note 7,8
16.0
VCC - VEE
Positive to negative Supply Range
V
9
10
16
TOPER
Operating Temperature
°C
-40
+25
+85
IOH
DC Output Current - High
mA
-50
IOL
DC Output Current - Low
mA
50
TRISE, TFALL
Maximum Input Rise or Fall Time
ns
500
Truth Table
Input
Outputs
C
A
B
Logic “0”
VEE
VOPT
Logic “1”
VOPT
VEE
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com