Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0801 Arkusz danych(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC0801
Szczegółowy opis  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0801 Arkusz danych(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC0801 Datasheet HTML 4Page - National Semiconductor (TI) ADC0801 Datasheet HTML 5Page - National Semiconductor (TI) ADC0801 Datasheet HTML 6Page - National Semiconductor (TI) ADC0801 Datasheet HTML 7Page - National Semiconductor (TI) ADC0801 Datasheet HTML 8Page - National Semiconductor (TI) ADC0801 Datasheet HTML 9Page - National Semiconductor (TI) ADC0801 Datasheet HTML 10Page - National Semiconductor (TI) ADC0801 Datasheet HTML 11Page - National Semiconductor (TI) ADC0801 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Typical Applications (Continued)
Absolute with a 2.500V Reference
DS005671-55
*For low power, see also LM385–2.5
Absolute with a 5V Reference
DS005671-56
Zero-Shift and Span Adjust: 2V
≤ V
IN ≤ 5V
DS005671-57
Span Adjust: 0V
≤ V
IN ≤ 3V
DS005671-58
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41