| Zakładka z wyszukiwarką danych komponentów |
|
ADC0804LCWM Arkusz danych(PDF) 38 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0804LCWM Arkusz danych(HTML) 38 Page - National Semiconductor (TI) |
|
38 / 41 page ![]() Functional Description (Continued) HEX PORT ADDRESS PERIPHERAL 00 MM74C374 8-bit flip-flop 01 A/D 1 02 A/D 2 03 A/D 3 HEX PORT ADDRESS PERIPHERAL 04 A/D 4 05 A/D 5 06 A/D 6 07 A/D 7 This port address also serves as the A/D identifying word in the program. DS005671-29 FIGURE 22. Multiple A/Ds with Z-80 Type Microprocessor www.national.com 38 |