Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3943ISQ Arkusz danych(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Numer części LP3943ISQ
Szczegółowy opis  RGB, White, Blue 16-LED Fun Light Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP3943ISQ Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button LP3943ISQ Datasheet HTML 12Page - Texas Instruments LP3943ISQ Datasheet HTML 13Page - Texas Instruments LP3943ISQ Datasheet HTML 14Page - Texas Instruments LP3943ISQ Datasheet HTML 15Page - Texas Instruments LP3943ISQ Datasheet HTML 16Page - Texas Instruments LP3943ISQ Datasheet HTML 17Page - Texas Instruments LP3943ISQ Datasheet HTML 18Page - Texas Instruments LP3943ISQ Datasheet HTML 19Page - Texas Instruments LP3943ISQ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
VIN (V)
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
25
28
31
34
37
40
43
46
49
D001
VLEDX = 0.4 V
VLEDX = 0.7 V
LP3943
SNVS256C – NOVMEBER 2003 – REVISED OCTOBER 2015
www.ti.com
8.2.2 Detailed Design Procedure
8.2.2.1 Reducing IQ When LEDs are OFF
In many applications, the LEDs and the LP3943 share the same VDD, as shown in Figure 10. When the LEDs are
off, the LED pins are at a lower potential than VDD, causing extra supply current (ΔIQ). To minimize this current,
consider keeping the LED pins at a voltage equal to or greater than VDD.
Figure 11. Methods to Reduce IQ When LEDs are in OFF State
8.2.3 Application Curve
Figure 12. Typical LED Switch Resistance
16
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com