Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0803 Arkusz danych(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC0803
Szczegółowy opis  8-Bit uP Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0803 Arkusz danych(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC0803 Datasheet HTML 13Page - National Semiconductor (TI) ADC0803 Datasheet HTML 14Page - National Semiconductor (TI) ADC0803 Datasheet HTML 15Page - National Semiconductor (TI) ADC0803 Datasheet HTML 16Page - National Semiconductor (TI) ADC0803 Datasheet HTML 17Page - National Semiconductor (TI) ADC0803 Datasheet HTML 18Page - National Semiconductor (TI) ADC0803 Datasheet HTML 19Page - National Semiconductor (TI) ADC0803 Datasheet HTML 20Page - National Semiconductor (TI) ADC0803 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Functional Description (Continued)
Figure 2 shows a worst case error plot for the ADC0801. All
center-valued inputs are guaranteed to produce the correct
output codes and the adjacent risers are guaranteed to be
no closer to the center-value points than ±14 LSB. In other
words, if we apply an analog input equal to the center-value
±14 LSB, we guarantee that the A/D will produce the correct
digital code. The maximum range of the position of the code
transition is indicated by the horizontal arrow and it is guar-
anteed to be no more than 12 LSB.
The error curve of
Figure 3 shows a worst case error plot for
the ADC0802. Here we guarantee that if we apply an analog
input equal to the LSB analog voltage center-value the A/D
will produce the correct digital code.
Next to each transfer function is shown the corresponding
error plot. Many people may be more familiar with error plots
than transfer functions. The analog input voltage to the A/D
is provided by either a linear ramp or by the discrete output
steps of a high resolution DAC. Notice that the error is con-
tinuously displayed and includes the quantization uncertainty
of the A/D. For example the error at point 1 of
Figure 1 is +12
LSB because the digital code appeared 12 LSB in advance
of the center-value of the tread. The error plots always have
a constant negative slope and the abrupt upside steps are
always 1 LSB in magnitude.
Transfer Function
DS005671-81
Error Plot
DS005671-82
FIGURE 1. Clarifying the Error Specs of an A/D Converter
Accuracy=±0 LSB: A Perfect A/D
Transfer Function
DS005671-83
Error Plot
DS005671-84
FIGURE 2. Clarifying the Error Specs of an A/D Converter
Accuracy=±14 LSB
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41