| Zakładka z wyszukiwarką danych komponentów |
|
FARM2T22 Arkusz danych(PDF) 9 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
FARM2T22 Arkusz danych(HTML) 9 Page - Vicor Corporation |
|
9 / 11 page ![]() FARM™ Rev 6.7 vicorpower.com Page 9 of 11 06/2015 800 927.9474 FARMxxxx Output Voltage 40 45 50 55 60 65 70 75 80 50 30 15 5 2 Figure 17 — Converter ripple rejection vs. output voltage (typical) APPLICATION NOTE (CONT.) * Operating Power (W) 0 5 10 15 20 25 30 35 40 1000 750 500 250 * * (FARM2XXX) (FARM1XXX) Figure 14 — Power fail warning time vs. operating power and total bus capacitance, series combination of C1, C2 (see Fig. 9) Operating Power (W) 0 5 10 15 20 25 30 2200 μF 1600 μF 1300 μF 1000 750 500 250 * 1100 μF 820 μF 680 μF * * (FARM1XXX) (FARM2XXX) Figure 16 — Ripple voltage vs. operating power and bus capacitance, series combination of C1, C2 (see Fig. 9) Operating Power (W) 0 10 20 30 40 50 60 70 80 90 100 90 Vac 115 Vac 1000 750 500 250 Total capacitance 820 μF Figure 15 — Ride-through time vs. operating power Figure 13 — Hold-up time 205 V 190 V Power Fail Power Fail Warning Bus OK Converter Shut down Hold-up Time 254 V Ride-Through Time Ripple (V p-p) π – θθ |