| Zakładka z wyszukiwarką danych komponentów |
|
DF7-2DP-3.96DS Arkusz danych(PDF) 3 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF7-2DP-3.96DS Arkusz danych(HTML) 3 Page - Hirose Electric |
|
3 / 16 page ![]() 3 sMaterials Product Sockets Headers In-line plug Retainer Crimp contacts Part Insulator Insulator Contact Insulator Insulator Contacts Material Polyamide Polyamide (Glass reinforced) High conductivity copper alloy Polyamide Polyamide High conductivity copper alloy Finish Color: White Color: Beige (Single row) Color: Grey (Double row) Tin-lead plating (Note) Color: White Color: Black Tin plating (Note) Remarks UL94V-0 UL94V-0 ---------------- UL94V-0 UL94V-0 ---------------- sProduct Specifications Ratings Current rating Row No. of contacts AWG16 AWG18 AWG20 AWG22 AWG24 AWG26 1 2~10 10A 7A 5A 4A 4A 3A 4 10A 9A 7A 6A 4A 3A 6 9A8A6A5A4A3A 2 8 9A 8A 6A 5A 4A 3A 10 8A 7A 5A 4A 4A 3A 12 8A 7A 5A 4A 4A 3A Operating temperature range Operating humidity range Storage temperature range Storage humidity range -10çto 60ç (Note 2) 40% to 70% (Note 2) -35ç to 85ç (Note 1) 20% to 80% Voltage rating Specificatoin UL/C-UL TÜV AC630V AC/DC 600V AC/DC 600V(7.92mm pitch) AC/DC 300V (3.96mm pitch) UL/C-UL/TÜV UL C-UL TÜV File No.and Recognition No :E52653 :E52653 :R9750437 10 m ohms max. 20mV max., 1mA 500 V DC 1500 V AC for 1 minute Measured with a steel pin of 0.64 x 1.2 ± 0.002 mm Contact resistance of 20 m ohms max. Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, 2 hours Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature 40 ç ± 2ç, 90% to 95% RH, 96 hours (-55ç: 30 minutes ¡ 5 to 35ç: 5 minutes ¡ 85ç: 30 minutes ¡ 5 to 35ç: 5 minutes) for 5 cycles Flow solder temperature 250ç, 10 seconds Manual soldering: Soldering iron temperature 300ç, 3 seconds Contact resistance(Initial value) 1000 M ohms min. No flashover or Insulator breakdown 0.3N min., 4.5N max. 30 cycles No momentary disconnections of 1 µs min. No electrical discontinuity of 1 µs. min. Contact resistance 20 m ohms max. Contact resistance of 20 m ohms max. No deformation of the insulator parts affecting performance 11. Contact resistance 12. Insulator resistance 13. Withstanding voltage 14. Insertion-Extraction force (per contact) 15. Durability (mating/unmating) 16. Vibration 17. Shock 18. Humidity 19. Temperature cycle 10. Resistance to soldering heat Item Specification Condition Note 1: Includes temperature rise caused by the current flow. Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note: Hirose Electric's plating incorporates anti-whisking compounds. |