| Zakładka z wyszukiwarką danych komponentów |
|
GT5-1P/S-R Arkusz danych(PDF) 7 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
GT5-1P/S-R Arkusz danych(HTML) 7 Page - Hirose Electric |
|
7 / 10 page ![]() Chassis Assembly Diagram (1:1) Chassis Assembly Diagram (1:1) BRecommended Panel Cut-out BRecommended Panel Cut-out Part Number GT5B-1PP-HU CL No. 755-0051-7 Part Material Finish Housing Ground terminal PBT Copper alloy Color: Light gray Tin plating Note 1: Terminal extraction tool: GT-PO(A) with nominal diameter 3L-6 (for a board thickness of 1.6 mm). Note 2: Retainer is optional. Note 3: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6 mm). Part Number GT5S-1PP-HU CL No. 755-0050-4 Part Material Finish Housing Ground terminal PBT Copper alloy Color: Light gray Tin plating Note 1: Terminal extraction tool: GT-PO(A) with nominal diameter 3L-6 (for a board thickness of 1.6 mm). Note 2: Retainer is optional. Note 3: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6 mm). BMounted and fully mated connector assemblies BMounted and fully mated connector assemblies 33 |