| Zakładka z wyszukiwarką danych komponentów |
|
MMCX-R-178B/U Arkusz danych(PDF) 1 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
MMCX-R-178B/U Arkusz danych(HTML) 1 Page - Hirose Electric |
|
1 / 8 page ![]() B31 Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 2 Mountable) MMCX Series sFeatures 1. Snap-on coupling mechanism makes it easy to engage and disengage. The rugged snap-on interface which uses no slotting in the outer conductor maintains mechanical stability by allowing constant mating force and rotation without degradation of electrical performance. 2. Low Profile accommodates PCMCIA type 2 2 cards The MMCX-LR-SMT with a height of only 3.51mm can be mounted on the bottom of the type 2 card. For installation on the PCB surface, the connector has a 0.36mm offset from the card centerline, which allows the card center axis to coincide with the connector center axis. 3. Designed for ultra thin cable Industry Standard RG-type coaxial cable ··· RG-178B/U (Ø1.8) ··· RG-316/U (Ø2.59 max.) Ø1.48 single shielded cable (one of the smallest available) ··· DFSS111-U1979 (Ø1.48) made by Junkosha Inc. ··· CO-6F·FH-SB (Ø1.48) made by Hitachi Cable Ltd. ··· RF-MF507 (Ø1.48) made by Nissei Electric Co., Ltd. 4. Cable Assemblies with multiple design options By using Ø1.48 single shielded cable, the opposite end of the assembly can be connected with N, BNC, HRM (SMA type), TNC and H.FL series. 5. Matched Excellent Impedance The interface is slotless to minimize RF leakage. High frequency characteristics achieve a maximum voltage standing-wave ratio (VSWR) of 1.2 at DC-6GHz (typical value, that is not applicable to all products). 6. Compatibility Mates will all industry standard MMCX connectors. Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle + Straight Plug Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Vertical Receptacle Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Right-angle Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle + Straight Plug Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Right-angle Receptacle Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug Vertical Receptacle + Right-angle Plug |
Podobny numer części - MMCX-R-178B/U |
|
Podobny opis - MMCX-R-178B/U |