| Zakładka z wyszukiwarką danych komponentów |
|
CD4148WN Arkusz danych(PDF) 1 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
CD4148WN Arkusz danych(HTML) 1 Page - Nanjing International Group Co |
|
1 / 6 page ![]() 1 Switching Diode FEATURES Silicon epitaxial planar diode SMD chip pattern, available in various dimension included 0805 Leadfree and RoHS compliance components For AC switching input as rectified circuit and high reverse voltage location MECHANICAL CHARACTERISTICS Size: 1206 Weight: approx. 10mg Marking: Cathode terminal DIMENSIONS Dimension/mm 1206 L 3.2±0.2 W 1.5±0.2 T 0.85±0.1 C 0.55±0.2 THERMAL CHARACTERISTICS1) Parameter at Tamb=25oC1) Symbol Value Unit 400 mW Forward Power Dissipation Power derating above 25oC Ptot 3.2 mW/ oC Junction Temperature Tj 150 oC Thermal Resistance Junction to Ambient air RθJA 375 oC/W Operating& Storage Temperature range Tstg -55 to 150 oC 1) Valid provided that electrodes are kept at ambient temperature. CD4148WN |
Podobny numer części - CD4148WN |
|
Podobny opis - CD4148WN |