| Zakładka z wyszukiwarką danych komponentów |
|
MB91F587L Arkusz danych(PDF) 22 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F587L Arkusz danych(HTML) 22 Page - SPANSION |
|
22 / 177 page ![]() D at aS h ee t August 22, 2014, MB91F587LA_DS705-00012-2v0-E 19 CONFIDENTIAL Pin No. Pin name I/O circuit type*1 Function 11 P026 K General-purpose I/O port A00 External bus address bit0 output pin TIN3 Reload timer ch.3 event input pin SCK4_1 Multi-function serial ch.4 clock I/O pin (1)/ I2C ch.4 clock I/O pin (1) (SCL) 12 P027 D General-purpose I/O port A01 External bus address bit1 output pin TOT0 Reload timer ch.0 output pin SCS40_1 Multi-function serial ch.4 serial chip select 0 I/O pin (1) 13 P030 D General-purpose I/O port A02 External bus address bit2 output pin TOT1 Reload timer ch.1 output pin SCS41_1 Multi-function serial ch.4 serial chip select 1 output pin (1) 14 P031 D General-purpose I/O port A03 External bus address bit3 output pin TOT2 Reload timer ch.2 output pin SCS42_1 Multi-function serial ch.4 serial chip select 2 output pin (1) 15 P032 D General-purpose I/O port A04 External bus address bit4 output pin TOT3 Reload timer ch.3 output pin SCS43_1 Multi-function serial ch.4 serial chip select 3 output pin (1) 16 P033 D General-purpose I/O port A05 External bus address bit5 output pin 17 P034 D General-purpose I/O port A06 External bus address bit6 output pin 20 P035 D General-purpose I/O port A07 External bus address bit7 output pin AIN0 Up/ down counter ch.0 AIN input pin 21 P036 D General-purpose I/O port A08 External bus address bit8 output pin BIN0 Up/ down counter ch.0 BIN input pin 22 P037 D General-purpose I/O port A09 External bus address bit9 output pin ZIN0 Up/ down counter ch.0 ZIN input pin 23 P040 D General-purpose I/O port A10 External bus address bit10 output pin AIN1 Up/ down counter ch.1 AIN input pin 24 P041 D General-purpose I/O port A11 External bus address bit11 output pin BIN1 Up/ down counter ch.1 BIN input pin 25 P042 D General-purpose I/O port A12 External bus address bit12 output pin ZIN1 Up/ down counter ch.1 ZIN input pin 26 P043 D General-purpose I/O port A13 External bus address bit13 output pin |