Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148WS Arkusz danych(PDF) 1 Page - Olitech Electronics Co.Ltd

Numer części 1N4148WS
Szczegółowy opis  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OLITECH [Olitech Electronics Co.Ltd]
Strona internetowa  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

1N4148WS Arkusz danych(HTML) 1 Page - Olitech Electronics Co.Ltd

  1N4148WS Datasheet HTML 1Page - Olitech Electronics Co.Ltd 1N4148WS Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
FAST SWITCHING DIODES
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Units
Non-Repetitive Peak reverse voltage
100
V
Peak Repetitive Peak reverse voltage
75
V
Working Peak Reverse Voltage
75
V
DC Blocking
75
V
RMS Reverse Voltage
53
V
Forward Continuous Current
300
mA
Average Rectified Output Current
150
mA
Peak forward surge current @=1.0μs
2.0
A
Peak forward surge current @=1.0s
1.0
A
Power Dissipation
200
mW
Thermal
650
/W
Junction temperature
150
Storage temperature
-65~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Forward voltage
0.715
V
I =1mA
Forward voltage
0.855
V
Forward voltage
1.0
V
Forward voltage
1.25
V
Reverse current
1
μA
V =75 V
Reverse current
25
nA
Capacitance between terminals
2
pF
V =0V,f=1MHz
Reverse Recovery Time
4
ns
SOD-323
-
+
VRM
VRRM
VRWM
VR
R(RMS)
IFM
IO
IFSM
Pd
RθJA
Tj
TSTG
IFSM
VF1
VF2
VF3
VF4
IR1
IR2
CT
trr
IF=IR=10mA Irr=0.1XIR,RL=100 Ω
F
F
I =10 mA
F
I =50 mA
F
I =150 mA
F
R
V =20 V
R
R
MARKING: T4
1N4148WS
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Plastic-Encapsulate Diodes
OLITECH ELECTRONICS CO. LTD.


Podobny numer części - 1N4148WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
1N4148WS WTE-1N4148WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4148WS DIODES-1N4148WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
logo
General Semiconductor
1N4148WS GE-1N4148WS Datasheet
209Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
More results

Podobny opis - 1N4148WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
Fast Switching Diodes
16-Feb-07
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com