Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3207 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 3207
Szczegółowy opis  7 MHz Linear Phase Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3207 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  3207 Datasheet HTML 1Page - KR Electronics, Inc. 3207 Datasheet HTML 2Page - KR Electronics, Inc. 3207 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3207, 7 MHz Linear Phase Bandpass, Rev 0
KR Electronics, Inc.
KR Electronics part number 3207 is a 7 MHz linear phase band-
pass filter. The filter has a 3 dB bandwidth of 475 KHz. Other
center frequencies and are bandwidths available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 7 MHz Linear Phase Bandpass
 3 dB Bandwidth 475 KHz
 50  Source and Load
 Surface Mount
 SMA Connectors Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 3207

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
3207 ETC2-3207 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
3207 ETC2-3207 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3207 HEYCO-3207 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3207 KEYSTONE-3207 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
KR Electronics, Inc.
3207-SMA KR-3207-SMA Datasheet
101Kb / 3P
7 MHz Linear Phase Bandpass
More results

Podobny opis - 3207

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
SF0070CF51556T ICST-SF0070CF51556T Datasheet
130Kb / 2P
70 MHz SAW Bandpass Filter 7 MHz bandwidth
Rev X1
logo
KR Electronics, Inc.
2456 KR-2456 Datasheet
25Kb / 2P
Linear Phase Bandpass Filter
2494 KR-2494 Datasheet
24Kb / 2P
Linear Phase Bandpass Filter
2494-1 KR-2494-1 Datasheet
371Kb / 2P
Linear Phase Bandpass Filter
2792-7 KR-2792-7 Datasheet
48Kb / 2P
7 MHz bandpass filter
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3207-SMA KR-3207-SMA Datasheet
101Kb / 3P
7 MHz Linear Phase Bandpass
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com