| Zakładka z wyszukiwarką danych komponentów |
|
ZMM3B3 Arkusz danych(PDF) 2 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
ZMM3B3 Arkusz danych(HTML) 2 Page - Nanjing International Group Co |
|
2 / 8 page ![]() ZMM1B...ZMM75B Characteristics at Ta = 25 OC Type Zener Voltage Range 1) Dynamic Resistance Reverse Leakage Current Temp coefficient of Zener Voltage VZnom VZT at IZT ZZT ZZK at IZK Ta = 25 OCTa = 125 oC at VR (V) (V) (mA) Max. (Ω)Max. (Ω) (mA) Max. (µA) Max. (µA) (V) TKvz (%/K) ZMM1B 2) 0.75 0.73…0.77 5 8 50 1 - - - -0.26...-0.23 ZMM2B0 2 1.96…2.04 5 85 600 1 100 200 1 -0.09...-0.06 ZMM2B2 2.2 2.16…2.24 5 85 600 1 75 160 1 -0.09...-0.06 ZMM2B4 2.4 2.35…2.45 5 85 600 1 50 100 1 -0.09...-0.06 ZMM2B7 2.7 2.65…2.75 5 85 600 1 10 50 1 -0.09...-0.06 ZMM3B0 3 2.94…3.06 5 85 600 1 4 40 1 -0.08...-0.05 ZMM3B3 3.3 3.23…3.37 5 85 600 1 2 40 1 -0.08...-0.05 ZMM3B6 3.6 3.53…3.67 5 85 600 1 2 40 1 -0.08...-0.05 ZMM3B9 3.9 3.82…3.98 5 85 600 1 2 40 1 -0.08...-0.05 ZMM4B3 4.3 4.21…4.39 5 75 600 1 1 20 1 -0.06...-0.03 ZMM4B7 4.7 4.61…4.79 5 60 600 1 0.5 10 1 -0.05...+0.02 ZMM5B1 5.1 5…5.2 5 35 550 1 0.1 2 1 -0.02...+0.02 ZMM5B6 5.6 5.49…5.71 5 25 450 1 0.1 2 1 -0.05...+0.05 ZMM6B2 6.2 6.08…6.32 5 10 200 1 0.1 2 2 0.03...0.06 ZMM6B8 6.8 6.66…6.94 5 8 150 1 0.1 2 3 0.03...0.07 ZMM7B5 7.5 7.35…7.65 5 7 50 1 0.1 2 5 0.03...0.07 ZMM8B2 8.2 8.04…8.36 5 7 50 1 0.1 2 6.2 0.03...0.08 ZMM9B1 9.1 8.92…9.28 5 10 50 1 0.1 2 6.8 0.03...0.09 ZMM10B 10 9.8…10.2 5 15 70 1 0.1 2 7.5 0.03...0.1 ZMM11B 11 10.78…11.22 5 20 70 1 0.1 2 8.2 0.03...0.11 ZMM12B 12 11.76…12.24 5 20 90 1 0.1 2 9.1 0.03...0.11 ZMM13B 13 12.74…13.26 5 26 110 1 0.1 2 10 0.03...0.11 ZMM15B 15 14.7…15.3 5 30 110 1 0.1 2 11 0.03...0.11 ZMM16B 16 15.68…16.32 5 40 170 1 0.1 2 12 0.03...0.11 ZMM18B 18 17.64…18.36 5 50 170 1 0.1 2 13 0.03...0.11 ZMM20B 20 19.6…20.4 5 55 220 1 0.1 2 15 0.03...0.11 ZMM22B 22 21.56…22.44 5 55 220 1 0.1 2 16 0.04...0.12 ZMM24B 24 23.52…24.48 5 80 220 1 0.1 2 18 0.04...0.12 ZMM27B 27 26.46…27.54 5 80 220 1 0.1 2 20 0.04...0.12 ZMM30B 30 29.4…30.6 5 80 220 1 0.1 2 22 0.04...0.12 ZMM33B 33 32.34…33.66 5 80 220 1 0.1 2 24 0.04...0.12 ZMM36B 36 35.28…36.72 5 80 220 1 0.1 2 27 0.04...0.12 ZMM39B 39 38.22…39.78 2.5 90 500 0.5 0.1 5 30 0.04...0.12 ZMM43B 43 42.14…43.86 2.5 90 500 0.5 0.1 5 33 0.04...0.12 ZMM47B 47 46.06…47.94 2.5 110 600 0.5 0.1 5 36 0.04...0.12 ZMM51B 51 49.98…52.02 2.5 125 700 0.5 0.1 10 39 0.04...0.12 ZMM56B 56 54.88…57.12 2.5 135 700 0.5 0.1 10 43 0.04...0.12 ZMM62B 62 60.76…63.24 2.5 150 1000 0.5 0.1 10 47 0.04...0.12 ZMM68B 68 66.64…69.36 2.5 200 1000 0.5 0.1 10 51 0.04...0.12 ZMM75B 75 73.5…76.5 2.5 250 1000 0.5 0.1 10 56 0.04...0.12 1) Tested with pulses tp = 20 ms. 2) The ZMM1B is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the cathode electrode to the negative pole. |