| Zakładka z wyszukiwarką danych komponentów |
|
THS4502CDGK Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4502CDGK Arkusz danych(HTML) 6 Page - Texas Instruments |
|
6 / 40 page ![]() THS4502 THS4503 SLOS352D − APRIL 2002 − REVISED JANUARY 2004 www.ti.com 6 ELECTRICAL CHARACTERISTICS VS = 5 V Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted. THS4502 AND THS4503 TYP OVER TEMPERATURE PARAMETER TEST CONDITIONS 25 °C 25 °C 0 °C to 70 °C −40 °C to 85 °C UNITS MIN/ MAX OUTPUT COMMON-MODE VOLTAGE CONTROL Small-signal bandwidth RL = 400 Ω 180 MHz Typ Slew rate 2 VPP Step 80 V/ µs Typ Minimum gain 1 0.98 0.98 0.98 V/V Min Maximum gain 1 1.02 1.02 1.02 V/V Max Common-mode offset voltage 2 −2.2/6.2 −4.2/8.2 −5.2/9.2 mV Max Input bias current VOCM = 2.5 V 1 2 3 3 µA Max Input voltage range 1/4 1.2/3.8 1.3/3.7 1.3/3.7 V Min Input impedance 25 || 1 k Ω || pF Typ Maximum default voltage VOCM left floating 2.5 2.55 2.6 2.6 V Max Minimum default voltage VOCM left floating 2.5 2.45 2.4 2.4 V Min POWER SUPPLY Specified operating voltage 5 16.5 16.5 16.5 V Max Maximum quiescent current 20 25 29 31 mA Max Minimum quiescent current 20 16 12 10 mA Min Power supply rejection (+PSRR) 75 72 69 66 dB Min POWER DOWN (THS4502 ONLY) Enable voltage threshold Device enabled ON above 2.1 V 2.1 V Min Disable voltage threshold Device disabled OFF below 0.7 V 0.7 V Max Power-down quiescent current 600 800 1200 1200 µA Max Input bias current 100 125 140 140 µA Max Input impedance 50 || 1 k Ω || pF Typ Turnon time delay 1000 ns Typ Turnoff time delay 800 ns Typ |