Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CT350ST2 Arkusz danych(PDF) 4 Page - CT Micro International Corporation

Numer części CT350ST2
Szczegółowy opis  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTMICRO [CT Micro International Corporation]
Strona internetowa  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350ST2 Arkusz danych(HTML) 4 Page - CT Micro International Corporation

  CT350ST2 Datasheet HTML 1Page - CT Micro International Corporation CT350ST2 Datasheet HTML 2Page - CT Micro International Corporation CT350ST2 Datasheet HTML 3Page - CT Micro International Corporation CT350ST2 Datasheet HTML 4Page - CT Micro International Corporation CT350ST2 Datasheet HTML 5Page - CT Micro International Corporation CT350ST2 Datasheet HTML 6Page - CT Micro International Corporation CT350ST2 Datasheet HTML 7Page - CT Micro International Corporation CT350ST2 Datasheet HTML 8Page - CT Micro International Corporation CT350ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 4
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
High to Low Propagation Delay
IF= 5mA, Cg= 10nF,
RL= 20 , f= 10kHz,
Duty = 50%, TA= 25 0C
50
170
500
ns
TPLH
Low to High Propagation Delay
50
180
500
ns
PWD
Pulse Width Distortion
--
10
100
ns
tPSK
Propagation Delay Skew
--
--
40
ns
tr
Rise Time
--
15
--
ns
tf
Fall Time
--
8
--
ns
tUVLO(ON)
UVLO Turn On Delay
IF= 5mA, VO> 5V
--
2.5
--
µs
tUVLO(OFF)
UVLO Turn Off Delay
IF= 5mA, VO< 5V
--
0.4
--
µs
|CMH|
Common Mode Transient High
VCC= 30V,
RL= 350 ,
TA= 25 0C,
VCM= 1kV
IF= 5mA
-15
--
--
kV/µs
|CML|
Common Mode Transient Low
IF= 0mA
15
--
--
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15