Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CT2300-R3 Arkusz danych(PDF) 4 Page - CT Micro International Corporation

Numer części CT2300-R3
Szczegółowy opis  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTMICRO [CT Micro International Corporation]
Strona internetowa  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT2300-R3 Arkusz danych(HTML) 4 Page - CT Micro International Corporation

  CT2300-R3 Datasheet HTML 1Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 2Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 3Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 4Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 5Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 6Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 7Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 8Page - CT Micro International Corporation CT2300-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Jun, 2015
CT2300-R3
N-Channel Enhancement MOSFET
Drain-Source Diode Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VSD
Body Diode Forward Voltage
VGS = 0V, ISD = 4.0A
1.3
V
ISD
Body Diode Continuous Current
4.0
A
1
Note:
1. The power dissipation is limited by 150
℃ junction temperature.
2. Device mounted on a glass-epoxy board
3. The data tested by pulsed , pulse width
300
µs , duty cycle
2%
4. Thermal Resistance follow JESD51-3.
FR-4
25.4 × 25.4 mm .
2 Oz Copper
Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11