| Zakładka z wyszukiwarką danych komponentów |
|
CT3022VT1 Arkusz danych(PDF) 9 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT3022VT1 Arkusz danych(HTML) 9 Page - CT Micro International Corporation |
|
9 / 12 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 9 Jul, 2014 CT3010, CT3011, CT3012 CT3020, CT3021, CT3022, CT3023 250V/400V Random Phase 6-Pin Phototriac Optocoupler Ordering Information CT301X(V)(Y)(Z)-G, CT302X(V)(Y)(Z)-G X = Part No. (CT301X:0,1,2), (CT302X : 0,1,2,3) V = VDE Option (V or none) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) G= Material option (G: Green, None: Non-green) Option Description Quantity None Standard 6 Pin Dip 50Units/Tube M Gullwing (400mil) Lead Forming 50Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming – With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming – With Option 2 Taping 1000 Units/Reel |