Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLC411 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CLC411
Szczegółowy opis  High-Speed Video Op Amp with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC411 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  CLC411 Datasheet HTML 1Page - National Semiconductor (TI) CLC411 Datasheet HTML 2Page - National Semiconductor (TI) CLC411 Datasheet HTML 3Page - National Semiconductor (TI) CLC411 Datasheet HTML 4Page - National Semiconductor (TI) CLC411 Datasheet HTML 5Page - National Semiconductor (TI) CLC411 Datasheet HTML 6Page - National Semiconductor (TI) CLC411 Datasheet HTML 7Page - National Semiconductor (TI) CLC411 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 5C: ECL Interface
Figure 5B: Differential ECL Interface
Figure 5A: Disable Interface
Q3
+15V
-15V
3.57k
Ω
Q1
Q4
Q2
Disable
CLC411 pin 8, DISABLE
V
th
330
Ω
-5.2V
ECL
Gate
-5.2V
330
Ω
Q1
Q2
Q1,Q2 MPSH10
Q3,Q4 MPSH81
0.1
µF
0.1
µF
0.1
µF
-15V
-5.2V
10k
Ω
330
Ω
931
Ω
Q1
ECL
Gate
Q2
0.1
µF
1N914
332
Ω
TTL
Gate
50
Ω
50
Ω
50
Ω
Q1
Q2
non-zero Rf must be used with current-feedback
operational amplifiers such as the CLC411. Application
note OA-13, “Current-Feedback Loop-Gain Analysis
and Performance Enhancements,” explains the
ramifications of Rf and how to use it to tailor the desired
frequency response with respect to gain. The equations
found in the application note should be considered as a
starting point for the selection of Rf. The equations do
not factor in the effects of parasitic capacitance found
on the inverting input, the output nor across the feedback
resistor. Equations in OA-13 require values for Rf
(301
Ω), Av (+2) and R
i (inverting input resistance, 50
Ω).
Combining these values yields a Zt* (optimum feedback
transimpedance) of 400
Ω. Figure 4 entitled
"Recommended Rf vs. Gain" will enable the selection of
the feedback resistor that provides a maximally flat
frequency response for the CLC411 over its gain range.
The linear portion of the two curves (i.e. AV>4) results
from the limitation on Rg (i.e. Rg
≥50Ω).
Enable/Disable Operation
The disable feature allows the outputs of several CLC411
devices to be connected onto a common analog bus
forming a high-speed analog multiplexer. When disabled,
the output and inverting inputs of the CLC411 become
high impedances. The disable pin has an internal pull-
up resistor which is pulled-up to an internal voltage, not
to the external supply. The CLC411 is enabled when pin
8 is left open or pulled-up to
≥+7V and disabled when
grounded or pulled below +3V. CMOS logic devices are
necessary to drive the disable pin. For example, CMOS
logic with VDD
≥ +7V will guarantee proper operation over
temperature. TTL voltage levels are inadequate for
controlling the disable feature.
For faster enable/disable operation than 15V CMOS
logic devices will allow, the circuit of Figure 5 is
recommended. A fast four-transistor comparator, Figure
5A, interfaces between the CLC411 DISABLE pin and
several standard logic families.
This circuit has a
differential input between the bases of Q1 and Q2. As
such it may be driven directly from differential ECL
logic, as in shown in Figure 5B. Single-ended logic
families may also be used by establishing an appropriate
threshold voltage on the Vth input, the base of Q2.
Figures 5C and 5D illustrate a single-ended ECL and
TTL interface respectively. The Disable input, the base
of Q1, is driven above and below the threshold, Vth.
Fastest switching speeds result when the differential
voltage between the bases of Q1 and Q2 is kept to less
A
B
C
0
1
2
3
4
5
6
7
+
A
CLC411
CLC411
DIS (pin 8)
Buffers
DIS (pin 8)
-
+
B
-
Figure 6: General Multiplexing Circuit
5
http://www.national.com
Figure 5D: TTL Interface



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com