Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CT3041SL-G Arkusz danych(PDF) 9 Page - CT Micro International Corporation

Numer części CT3041SL-G
Szczegółowy opis  250V/400V Zero Cross 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTMICRO [CT Micro International Corporation]
Strona internetowa  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3041SL-G Arkusz danych(HTML) 9 Page - CT Micro International Corporation

Back Button CT3041SL-G Datasheet HTML 4Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 5Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 6Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 7Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 8Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 9Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 10Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 11Page - CT Micro International Corporation CT3041SL-G Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 9
Jul, 2014
CT3031, CT3032, CT3033
CT3041, CT3042, CT3043
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Ordering Information
CT303X(V)(Y)(Z)-G, CT304X(V)(Y)(Z)-G
X = Part No. (X=1,2,3)
V = VDE Option (V or None)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
G= Material option (G: Green, None: Non-green)
Option
Description
Quantity
None
Standard 6 Pin Dip
50Units/Tube
M
Gullwing (400mil) Lead Forming
50Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming – With Option 2 Taping
1000 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com