| Zakładka z wyszukiwarką danych komponentów |
|
MIC2214-2.7/3.3BML Arkusz danych(PDF) 1 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2214-2.7/3.3BML Arkusz danych(HTML) 1 Page - Micrel Semiconductor |
|
1 / 11 page ![]() August 2004 1 MIC2214 MIC2214 Micrel MIC2214 Portable Power Management IC General Description The MIC2214 is a dual µCap, low dropout regulator with an open-drain driver and power-on reset circuit. The first regu- lator is capable of sourcing 150mA, while the second regula- tor can source up to 300mA and includes a power-on reset function. The open-drain output is capable of sinking 150mA for LED backlighting applications. Ideal for battery operated applications, the MIC2214 offers 1% accuracy, extremely low dropout voltage (80mV @ 100mA), and extremely low ground current, only 48 µA total. Equipped with a TTL-logic-compatible enable pin, the MIC2214 can be put into a zero-off-mode current state, drawing no current when disabled. The MIC2214 is a µCap design, operating with very small ceramic output capacitors for stability, reducing required board space and component cost. The MIC2214 is available in fixed output voltages in the 10-pin 3mm × 3mm MLF™ leadless package and is also available with adjustable output voltages in the 4mm × 4mm 16-pin MLF™ package. Typical Application VIN VIN CDELAY EN CBYP SW 0.01 µF 1 µF 100k Ω SET Keyboard Backlighting LED Baseband µProcessor VOUT1 VANALOG VOUT2 POR VDIGITAL VCORE /RST DRV GND MIC2214-xxBML 1 µF Ceramic OFF ON OFF ON MEMORY MIC2214 Typical Cellphone Application Features • Input voltage range: 2.25V to 5.5V • Stable with ceramic output capacitor • 2 LDO outputs • Output 1 – 150mA output current • Output 2 – 300mA output current • 1 Open-drain driver • Power-on reset function with adjustable delay time • Low dropout voltage of 80mV @ 100mA • Ultra-low quiescent current of 48 µA • High output accuracy: • +1.0% initial accuracy • +2.0% over temperature • Thermal shutdown protection • Current limit protection • Tiny 3mm ××××× 3mm MLF™-10 package Applications • Cellular/PCS phones • Wireless modems • PDAs Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com MicroLeadFrame and MLF are trademarks of Amkor Technology. |
Podobny numer części - MIC2214-2.7/3.3BML |
|
Podobny opis - MIC2214-2.7/3.3BML |