| Zakładka z wyszukiwarką danych komponentów |
|
VT82C42 Arkusz danych(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C42 Arkusz danych(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 13 page ![]() VIA Technologies, Inc. VT82C42 -10- 8. Package Diagrams 44-Pin PLCC Dimension Diagram .045 e D1 D D2 .004 A1 A C F1 F F2 D3 Fig 11. 44-Pin Quad PLCC (Q) Talbe 5. Dimension Minimum Typical Maximum Units A - - 0.180 inches A1 0.020 - - inches C - 0.010 - inches D 0.685 0.690 0.695 inches D1 0.650 0.650 0.656 inches D2 0.590 0.610 0.630 inches D3 0.480 0.500 0.520 inches F - 0.050 - inches F1 0.013 - 0.021 inches F2 0.026 - 0.032 inches e - 0.653 - inches 40-Pin P-DIP Dimension Diagram |