| Zakładka z wyszukiwarką danych komponentów |
|
BCM4339 Arkusz danych(PDF) 21 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
BCM4339 Arkusz danych(HTML) 21 Page - Cypress Semiconductor |
|
21 / 183 page ![]() Overview BCM4339 Preliminary Data Sheet Broadcom® November 17, 2014 • 4339-DS106-R Page 20 Section 1: Overview Overview The Broadcom® BCM4339 single-chip device provides the highest level of integration for a mobile or handheld wireless system, with integrated IEEE 802.11 a/b/g/n/ac MAC/baseband/radio, Bluetooth 4.1 + enhanced data rate (EDR), and FM receiver. It provides a small form-factor solution with minimal external components to drive down cost for mass volumes and allows for handheld device flexibility in size, form, and function. Comprehensive power management circuitry and software ensure the system can meet the needs of highly mobile devices that require minimal power consumption and reliable operation. The following figure shows the interconnect of all the major physical blocks in the BCM4339 and their associated external interfaces, which are described in greater detail in the following sections. |