| Zakładka z wyszukiwarką danych komponentów |
|
STPR1020CB-TR Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPR1020CB-TR Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() STPR1020CB/CG/CT/CF/CFP/CR 3/10 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 5 10 15 20 25 30 35 40 45 50 IM(A) P=2.5W P=7.5W P=10W P=5W δ T δ=tp/T tp Fig. 2: Peak current versus form factor (per diode). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 1 2 3 4 5 6 7 IF(av) (A) PF(av)(W) δ = 0.05 δ = 0.1 δ = 0.2 δ = 0.5 δ = 1 T δ=tp/T tp Fig. 1: Average forward power dissipation versus average forward current (per diode). 0 25 50 75 100 125 150 0 1 2 3 4 5 6 Tamb(°C) IF(av)(A) Rth(j-a)=15°C/W Rth(j-a)=Rth(j-c) T δ=tp/T tp Fig. 3-1: Average forward current versus ambient temperature ( δ= 0.5, TO-220AB, DPAK, D2PAK). 0 25 50 75 100 125 150 0 1 2 3 4 5 6 Tamb(°C) IF(av)(A) Rth(j-a)=15°C/W Rth(j-a)=Rth(j-c) ISOWATT220AB TO-220FP T δ=tp/T tp Fig. 3-2: Average forward current versus ambient temperature (δ = 0.5, ISOWATT220AB, TO-220FPAB ). 1E-3 1E-2 1E-1 1E+0 0 10 20 30 40 50 60 70 t(s) IM(A) Tc=25°C Tc=125°C IM t δ=0.5 Fig. 4-1: Non repetitive surge peak forward current versus overload duration (TO-220AB, DPAK, D 2PAK). 1E-3 1E-2 1E-1 1E+0 0 10 20 30 40 50 60 t(s) IM(A) Tc=25°C Tc=100°C IM t δ=0.5 Fig. 4-2: Non repetitive surge peak forward current versus overload duration (ISOWATT220AB). |