| Zakładka z wyszukiwarką danych komponentów |
|
STV6412ADT Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6412ADT Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 24 page ![]() STV6412A 12/24 2.7 I²C Bus Characteristics T amb = 25°C, V CCAO = 12 V, VCC = 5 V, VCC12 = 12 V, VDD = 5 V RGA = 600Ω, RLOUTA = 10kΩ, RGV = 50Ω, RLOUTV = 150Ω, unless otherwise specified. Table 12. I²C Bus Characteristics Note 3: The device can also operate at 400 kHz and is capable of interfacing with +3.3 V or + 5 V logic levels. Figure 5. I²C Bus Timing Symbol Parameter Test Conditions Min. Typ. Max. Units SCL VIL Low Level Input Voltage -0.3 1.5 V VIH High Level Input Voltage 2.3 5.5 V ILI Input Leakage Current VIN = 0 to 5.5 V -10 0 10 µA SDA VIL Low Level Input Voltage -0.3 1.5 V VIH High Level Input Voltage 2.3 5.5 V ILI Input Leakage Current VIN = 0 to 5.5 V -10 0 10 µA CI Input Capacitance 10 pF tR Input Rise Time 1.5 V to 3 V 1 µs tF Input Fall Time 3 V to 1.5 V 300 ns VOL Low Level Output Voltage IOL = 3 mA 0.4 V tF Output Fall Time 3 V to 1.5 V 250 ns CL Load Capacitance 400 pF TIMING tLOW Clock Low Period 4.7 µs tHIGH Clock High Period 4 µs tSU,DAT Data Setup Time 250 ns tHD,DAT Data Hold Time 0 340 ns tSU,STO Setup Time from Clock High to Stop 4 µs tBUF Start Setup Time following a Stop 4.7 µs tHD,STA Start Hold Time 4 µs tSU,STA Start Setup Time following Clock Low to High Transition 4.7 µs (start, stop) |