| Zakładka z wyszukiwarką danych komponentów |
|
TPS2383 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2383 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 27 page ![]() TPS2383 SLUS559B − APRIL 2003 − REVISED JULY 2004 21 www.ti.com FUNCTIONAL DESCRIPTION Table 11. Common Analog to Digital Conversion Port Read Register, Register Address = 011 BIT FUNCTION STATE PRESET STATE D7 A2D bit 7 D6 A2D bit 6 D5 A2D bit 5 D4 A2D bit 4 A/D lower bits D3 A2D bit 3 A/D lower bits D2 A2D bit 2 D1 A2D bit 1 D0 A2D bit 0 Table 12. Common Analog to Digital Conversion Port Read Register, Register Address = 100 BIT FUNCTION STATE PRESET STATE D7 A2D zero cross 0 = CINT is above zero threshold 1 = CINT is below zero threshold D6 A2D overflow 1 = A2D overflow detected D5 Reserved for test D4 Reserved for test D3 A2D bit 11 D2 A2D bit 10 A/D upper bits D1 A2D bit 9 A/D upper bits D0 A2D bit 8 Table 13. Chip Identification/Revision Read Register, Register Address = 101 BIT FUNCTION STATE PRESET STATE D7 Rev ID MSB D6 Rev ID D5 Rev ID LSB D4 Device ID MSB Internally hardwired (function of revision) 0 D3 Device ID Internally hardwired (function of revision) 0 D2 Device ID D1 Device ID D0 Device ID LSB 1 |