| Zakładka z wyszukiwarką danych komponentów |
|
CPC5620ATR Arkusz danych(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC5620ATR Arkusz danych(HTML) 6 Page - IXYS Corporation |
|
6 / 18 page ![]() INTEGRATED CIRCUITS DIVISION CPC5620/CPC5621 6 www.ixysic.com R05 2. Application Circuits LITELINK can be used with telephone networks worldwide. Some public telephone networks, notably in North America and Japan require resistive line termination. Other telephone networks, as in Europe and elsewhere, require a reactive line termination. The application circuits below address both line termination models. The reactive termination application circuit (see Figure 3 on page 8) describes the TBR-21 implementation. This circuit can be adapted easily for other reactive termination needs. 2.1 Resistive Termination Application Circuit Figure 2. Resistive Termination Application Circuit Schematic ¹This design was tested and found to comply with FCC Part 68 with this Sidactor. Other compliance requirements may require a different part. ²Higher-noise power supplies may require substitution of a 220 H inductor, Toko 380HB-2215 or similar. See the Power Quality section of IXYS Integrated Circuits Division application note AN-146, Guidelines for Effective LITELINK Designs for more information. ³Optional for enhanced transhybrid loss. 4Use voltage ratings based on the isolation requirements of your application. + - OH RING TX+ RX+ TX- RX- 3.3 or 5V C13 C14 C2 C4 R1 (RTX) 80.6K R23 2 10 BR- BR- BR- TIP RING U1 LITELINK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VDD TXSM TX- TX+ TX GND RX- RX+ SNP+ SNP- RXF RX MODE OH RING CID REFL TXF ZTX ZNT TXSL BR- NTS GAT NTF DCS1 DCS2 ZDC BR- RPB RXS VDDL DB1 SP1 1 BR- BR- A A A C9 0.1μ C16 10μ FB1 600 Ω 200 mA C1 1μ (RTXF) 60.4K 5% (RHTF) 200K R13 (RNTS) 1M 5% C10 0.01μ 500V R15 1.69M R20 2 6.49M (RDCS1A) 6.49 M (CDCS) 0.027μ (RRXF) 130K R3 1.5M C7 (CSNP-) 4 220pF C8 220pF (RSNP-2) 1.8M 1.8M 1.8M 1.8M R4 68.1 BR- NOTE: Unless otherwise noted: Resistor values are in Ohms All resistors are 1%. Capacitor values are in Farads. R14 (RGAT) 47 Q1 CPC5602C (CGAT) (RZDC) 3 8.2 R10 301 R18 3.32K C18 15p 3 R12 499K (RNTF) BR- BR- C15 0.01μ 500V 221K (RNTX) 261K 0.1μ 0.1μ 0.1μ 0.1μ R16 R8 R5 R75 BR- C21 100p R76 R22 R21 C12 R6 R44 R7 R45 (RSNP-1) (RSNP+2) (RSNP+1) (RSNPD) (RDCS1B) (RHTX) (RZNT) (RZTX) (RPB) (RDCS2) (RVDDL) BR- (CSNP+) 4 R2 CID |