| Zakładka z wyszukiwarką danych komponentów |
|
V30218P Arkusz danych(PDF) 13 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
V30218P Arkusz danych(HTML) 13 Page - EM Microelectronic - MARIN SA |
|
13 / 15 page ![]() R V3021 Copyright © 2005, EM Microelectronic-Marin SA 13 www.emmicroelectronic.com Typical Applications V3021 Interfaced with Intel CPU (RD/WR Pulse) Fig. 13 V3021 Interfaced with Motorola CPU (Advanced R/W) Fig. 14 3 Wire Serial Interface 1) With strobe low bits are written to the V3021, and with strobe high bits are read from the V3021 2) For serial ports with byte transfer only, an address command cycle should be combined with every data cycle to give 8 address bits and 8 data bits. For example to read the current minutes, write address data F + 3 (1111 + 0011) and then read 8 data bits. Fig. 15 |