| Zakładka z wyszukiwarką danych komponentów |
|
MM74HC942N Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM74HC942N Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Functional Description (Continued) THE DEMODULATOR SECTION The Receive Filter The demodulator recovers the data from the received sig- nals The signal from the hybrid is a mixture of transmitted signal received signals and noise The first stage of the receive filter is an anti-alias filter which attenuates high fre- quency noise before sampling occurs The signal then goes to the second stage of the receive filter where the transmit- ted tones and other noise are filtered from the received sig- nal This is a switched capacitor nine-pole filter providing at least 60 dB of transmitted tone rejection This also provides high attenuation at 60 Hz a common noise component The Discriminator The first stage of the discriminator is a hard limiter The hard limiter removes from the received signal any amplitude modulation which may bias the demodulator toward a mark or a space It compares the output of the receive filter to the voltage on the 01 mF capacitor on the FTLC pin The hard limiter output connects to two parallel bandpass filters in the discriminator One filter is tuned to the mark frequency and the other to the space frequency The out- puts of these filters are rectified filtered and compared If the output of the mark path exceeds the output of the space path the RXD output goes high The opposite case sends RXD low The demodulator is implemented using precision switched capacitor techniques The highly critical comparators in the limiter and discriminator are auto-zeroed for low offset Carrier Detector The output of the discriminator is meaningful only if there is sufficient carrier being received This is established in the carrier detection circuit which measures the signal on the line If this exceeds a certain level for a preset period (ad- justable by the CDT pin) the CD output goes low indicating that carrier is present Then the carrier detect threshold is lowered by 3 dB This provides hysteresis ensuring the CD output remains stable If carrier is lost CD goes high after the preset delay and the threshold is increased by 3 dB MODULATOR SECTION The modulator consists of a frequency synthesizer and a sine wave synthesizer The frequency produces one of four tones depending on the OA and TXD pins The frequencies are synthesized to high precision using a crystal oscillator and variable dual modulus counter The counters used re- spond quickly to data changes introducing negligible bit jit- ter while maintaining phase coherence The sine wave synthesizer uses switched capacitors to ‘‘look up’’ the voltages of the sine wave This sampled sig- nal is then further processed by switched capacitor and continuous filters to ensure the high spectral purity required by FCC regulations Applications Information TRANSMIT LEVEL ADJUSTMENT The transmitted power levels of Table II refer to the power delivered to a 600X load from the external 600X source impedance The voltage on the load is half the TXA voltage This should be kept in mind when designing interface cir- cuits which do not match the load and source impedances The transmit level is programmable by placing a resistor from TLA to VCC With a 55k resistor the line driver trans- mits a maximum of b9 dBm Since most lines from a phone installation to the exchange provide 3 dB of attenuation the maximum level reaching the exchange will be b12 dBm This is the maximum level permitted by most telephone companies Thus with this programming the MM74HC942 will interface to most telephones This arrangement is called the ‘‘permissive arrangement’’ The disadvantage with the permissive arrangement is that when the loss from a phone to the exchange exceeds 3 dB no compensation is made and SNR may be unnecessarily degraded SNR can be maximized by adjusting the transmit level until the level at the exchange reaches b12 dBm This must be done with the cooperation of the telephone company The programming resistor used is specific for a given installation and is often included in the telephone jack at the installa- tion The modem is thus programmable and can be used with any jack correctly wired This arrangement is called the universal registered jack arrangement and is possible with the MM74HC942 The values of resistors required to pro- gram the MM74HC942 follow the most common code in use the universal service order code The required resistors are given in Table II TABLE II Universal Service Order Code Resistor Values Line Transmit Programming Loss Level Resistor (RTLA) (dB) (dBm) (Ohms) 0 b 12 Open 1 b 11 19800 2 b 10 9200 3 b 9 5490 4 b 8 3610 5 b 7 2520 6 b 6 1780 7 b 5 1240 8 b 4 866 9 b 3 562 10 b 2 336 11 b 1 150 12 0 0 CARRIER DETECT THRESHOLD ADJUSTMENT The carrier detect threshold is directly proportional to the voltage on CDA This pin is connected internally to a high impedance source This source has a nominal Thevenin equivalent voltage of 12V and output impedance of 100 kX By forcing the voltage on CDA the carrier detect threshold may be adjusted To find the voltage required for a given threshold the following equation may be used VCDA e 244 c VON VCDA e 345 c VOFF CARRIER DETECT TIMING ADJUSTMENT CDT A capacitor on Pin 4 sets the time interval that the carrier must be present before CD goes low It also sets the time interval that carrier must be removed before CD returns high The relevant timing equations are TCDL j 64cCCDT for CD going low TCDH j 054cCCDT for CD going high Where TCDL TCDH are in seconds and CCDT is in mF 5 |