Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320F2812PBKA Arkusz danych(PDF) 77 Page - Texas Instruments

Numer części TMP320F2812PBKA
Szczegółowy opis  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2812PBKA Arkusz danych(HTML) 77 Page - Texas Instruments

Back Button TMP320F2812PBKA Datasheet HTML 73Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 74Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 75Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 76Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 77Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 78Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 79Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 80Page - Texas Instruments TMP320F2812PBKA Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 147 page
background image
Peripherals
77
June 2004
SPRS257
4.8
GPIO MUX
The GPIO Mux registers, are used to select the operation of shared pins on R281x devices. The pins can be
individually selected to operate as “Digital I/O” or connected to “Peripheral I/O” signals (via the GPxMUX
registers). If selected for “Digital I/O” mode, registers are provided to configure the pin direction (via the
GPxDIR registers) and to qualify the input signal to remove unwanted noise (via the GPxQUAL) registers).
Table 4−11 lists the GPIO Mux Registers.
Table 4−11. GPIO Mux Registers†‡§
NAME
ADDRESS
SIZE (x16)
REGISTER DESCRIPTION
GPAMUX
0x00 70C0
1
GPIO A Mux Control Register
GPADIR
0x00 70C1
1
GPIO A Direction Control Register
GPAQUAL
0x00 70C2
1
GPIO A Input Qualification Control Register
reserved
0x00 70C3
1
GPBMUX
0x00 70C4
1
GPIO B Mux Control Register
GPBDIR
0x00 70C5
1
GPIO B Direction Control Register
GPBQUAL
0x00 70C6
1
GPIO B Input Qualification Control Register
reserved
0x00 70C7
1
reserved
0x00 70C8
1
reserved
0x00 70C9
1
reserved
0x00 70CA
1
reserved
0x00 70CB
1
GPDMUX
0x00 70CC
1
GPIO D Mux Control Register
GPDDIR
0x00 70CD
1
GPIO D Direction Control Register
GPDQUAL
0x00 70CE
1
GPIO D Input Qualification Control Register
reserved
0x00 70CF
1
GPEMUX
0x00 70D0
1
GPIO E Mux Control Register
GPEDIR
0x00 70D1
1
GPIO E Direction Control Register
GPEQUAL
0x00 70D2
1
GPIO E Input Qualification Control Register
reserved
0x00 70D3
1
GPFMUX
0x00 70D4
1
GPIO F Mux Control Register
GPFDIR
0x00 70D5
1
GPIO F Direction Control Register
reserved
0x00 70D6
1
reserved
0x00 70D7
1
GPGMUX
0x00 70D8
1
GPIO G Mux Control Register
GPGDIR
0x00 70D9
1
GPIO G Direction Control Register
reserved
0x00 70DA
1
reserved
0x00 70DB
1
reserved
0x00 70DC
0x00 70DF
4
† Reserved locations will return undefined values and writes will be ignored.
‡ Not all inputs will support input signal qualification.
§ These registers are EALLOW protected. This prevents spurious writes from overwriting the contents and corrupting the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com