Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP320R2811PBKA Arkusz danych(PDF) 95 Page - Texas Instruments

Numer części TMP320R2811PBKA
Szczegółowy opis  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP320R2811PBKA Arkusz danych(HTML) 95 Page - Texas Instruments

Back Button TMP320R2811PBKA Datasheet HTML 91Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 92Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 93Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 94Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 95Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 96Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 97Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 98Page - Texas Instruments TMP320R2811PBKA Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 147 page
background image
Electrical Specifications
95
June 2004
SPRS257
XCLKIN/8
(XCLKIN * 5)
th(XPLLDIS)
th(XMP/MC)
th(boot-mode)†
tw(RSL2)
XCLKIN
X1
XRS
XF/XPLLDIS
XMP/MC
Boot-Mode Pins
XCLKOUT
I/O Pins
Address/Data/
Control
Boot-ROM Execution Starts
User-Code Execution Starts
User-Code Dependent
User-Code Dependent
User-Code Execution Phase
(Don’t Care)
(Don’t Care)
(Don’t Care)
(Don’t Care)
User-Code Dependent
User-Code Execution
Peripheral/GPIO Function
User-Code Dependent
GPIO Pins as Input (State Depends on Internal PU/PD)
GPIO Pins as Input
GPIOF14/XF
XPLLDIS Sampling
GPIOF14
Peripheral/GPIO Function
† After reset, the Boot ROM code executes instructions for 1260 SYSCLKOUT cycles (SYSCLKOUT = XCLKIN/2) and then samples BOOT
Mode pins. Based on the status of the Boot Mode pin, the boot code branches to destination memory or boot code function in ROM. The
BOOT Mode pins should be held high/low for at least 2520 XCLKIN cycles from boot ROM execution time for proper selection of Boot
modes.
If Boot ROM code executes after power-on conditions (in debugger environment), the Boot code execution time is based on the current
SYSCLKOUT speed. The SYSCLKOUT will be based on user environment and could be with or without PLL enabled.
td(EX)
tsu(XPLLDIS)
Figure 6−8. Warm Reset in Microcomputer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com