| Zakładka z wyszukiwarką danych komponentów |
|
74LVC2G126DP Arkusz danych(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G126DP Arkusz danych(HTML) 12 Page - NXP Semiconductors |
|
12 / 16 page ![]() 2004 Sep 22 12 Philips Semiconductors Product specification Dual bus buffer/line driver; 3-state 74LVC2G126 PACKAGE OUTLINES UNIT A1 A max. A2 A3 bp L HE Lp wy v ce D(1) E(1) Z(1) θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 ° 0 ° 0.13 0.1 0.2 0.5 DIMENSIONS (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 SOT505-2 - - - 02-01-16 w M bp D Z e 0.25 14 8 5 θ A2 A1 Lp (A3) detail X A L HE E c v M A X A y 2.5 5 mm 0 scale TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm SOT505-2 1.1 pin 1 index |