Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M29F800DB55N6F Arkusz danych(PDF) 38 Page - STMicroelectronics

Numer części M29F800DB55N6F
Szczegółowy opis  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N6F Arkusz danych(HTML) 38 Page - STMicroelectronics

Back Button M29F800DB55N6F Datasheet HTML 31Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 32Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 33Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 34Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 35Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 36Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 37Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 38Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
M29F800DT, M29F800DB
38/39
REVISION HISTORY
Table 28. Document Revision History
Date
Version
Revision Details
13-Dec-2001
-01
First Issue
21-Jan-2002
-02
VIH(max) value corrected
01-Mar-2002
-03
Description of Ready/Busy signal clarified (and Figure 14 modified)
Clarified allowable commands during block erase
Clarified the mode the device returns to in the CFI Read Query command section
17-Feb-2003
4.0
Revision numbering modified: a minor revision will be indicated by incrementing the digit
after the dot, and a major revision, by incrementing the digit before the dot (revision
version 03 equals 3.0).
Erase Suspend Latency Time (typical) and Data Retention parameters added to Table 6,
Program, Erase Times and Program, Erase Endurance Cycles, and notes added to the
table. Logic Diagram and Data Toggle Flowchart corrected.
Lead-free package options E and F added to Table 18, Ordering Information Scheme.
Document promoted to full datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39