Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CER0293A Arkusz danych(PDF) 1 Page - CTS Corporation

Numer części CER0293A
Szczegółowy opis  Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0293A Arkusz danych(HTML) 1 Page - CTS Corporation

  CER0293A Datasheet HTML 1Page - CTS Corporation CER0293A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0293A
2600 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Features
• Low Loss
• Low Ripple
• Small Size
Description
Surface mount, silver (Ag) coated ceramic
filter for use in broadband applications.
Weight:
1.1 grams typical
Material:
Filter is composed of a ceramic
block plated with Ag
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Rev 2 – Origin Date: April 7, 2006 – Revision Date: May 17, 2006
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Passband Iloss
2420 - 2720
-1.6
-2.0
-2.2
Passband Return Loss @ TX
2420 - 2720
-11.0
-8.0
-8.0
Passband Return Loss @ Ant
2420 - 2720
-11.0
-8.0
-8.0
Attenuation
2180
-32.0
-25.0
-25.0
3000
-31.0
-25.0
-25.0
Power into any port
1 Watt max


Podobny numer części - CER0293A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
CER0293B CTS-CER0293B Datasheet
56Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
More results

Podobny opis - CER0293A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
CER0183A CTS-CER0183A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0273B CTS-CER0273B Datasheet
116Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0279B CTS-CER0279B Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293B CTS-CER0293B Datasheet
56Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0307B CTS-CER0307B Datasheet
88Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0309B CTS-CER0309B Datasheet
218Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0311B CTS-CER0311B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0312A CTS-CER0312A Datasheet
201Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0342A CTS-CER0342A Datasheet
208Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0373B CTS-CER0373B Datasheet
83Kb / 2P
Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com