| Zakładka z wyszukiwarką danych komponentów |
|
DP5380 Arkusz danych(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP5380 Arkusz danych(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 32 page ![]() 30 Register Description 31 GENERAL The DP5380 ASI is a register-based device with eight ad- dressable locations Some addresses have dual functions depending upon whether they are being read from or written to Device operation is described in Section 4 Figure 32 summarises the register map Note that for regis- ters reading or writing SCSI signals the SCSI name is used for each bit Although the SCSI bus is active low the regis- ters invert the SCSI bus This means an active SCSI signal is represented by a ONE in a register and an inactive signal by a ZERO 32 REGISTERS OUTPUT DATA REGISTER (ODR) 8 Bits HA 0 Write-Only This is a transparent latch used to send data to the SCSI bus The register can be written by mP cycles or via DMA DMA writes automatically select the ODR at Hex Address 0 (HA 0) This register is also written with the ID bits required during arbitration and selectionreselection phases Data is latched at the end of the write cycle Bit 7 Bit 0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Output Data Register CURRENT SCSI DATA (CSD) 8 Bits HA 0 Read-Only This register enables reading of the current SCSI data bus If SCSI parity checking is enabled it will be checked at the beginning of the read cycle The register is also used for mP accesses of SCSI data during programmed-IO or ID check- ing during arbitration Parity is not valid during arbitration DMA transfers select the IDR (HA 6) instead of the CSD register Bit 7 Bit 0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Current SCSI Data INITIATOR COMMAND REGISTER (ICR) 8 Bits HA 1 Read-Write This register is used to control the INITIATOR and some other SCSI signals and to monitor the progress of bus arbi- tration Most of the SCSI signals may also be asserted in TARGET mode Bits 5 to 0 are reset when BSY is lost (see MR2 description) Bit 7 Bit 0 RST TEST LADIFF ACK BSY SEL ATN DBUS Initiator Command Register DBUS Assert Data Bus Bit 0 0 Disable SCSI data bus driving 1 Enable contents of Output Data Register onto the SCSI data bus SCSI parity is also generated and driven on DBP This bit should be set when transferring data out of the ASI in either TARGET or INITIATOR mode for both DMA or programmed-IO In INITIATOR mode the drivers are only enabled if Mode Register 2 TARGET MODE bit is 0 and IO is false and CD IO MSG match the contents of the Target Command Register (phasematch is true) In TAR- GET mode only the MR2 bit needs to be set with this bit Reading the ICR reflects the state of this bit ATN Assert Attention Bit 1 0 Deassert ATN 1 Assert SCSI ATN signal The MR2 TARGET MODE bit must also be false to assert the signal Reading the ICR reflects the state of this bit SEL Assert Select Bit 2 0 Deassert SEL 1 Assert SCSI SEL signal Can be used in INITIATOR or TARGET mode Reading the ICR reflects the state of this bit BSY Assert Busy Bit 3 0 Deassert BSY 1 Assert SCSI BSY signal Can be used in INITIATOR or TARGET mode Reading the ICR reflects the state of this bit Hex Register Mnemonic Bits RW Adr 0 Output Data Register ODR 8 WO 0 Current SCSI Data CSD 8 RO 1 Initator Command Register ICR 8 RW 2 Mode Register 2 MR2 8 RW 3 Target Command Register TCR 4 RW 4 Select Enable Register SER 8 WO 4 Current SCSI Bus Status CSB 8 RO 5 Bus and Status BSR 8 RO 5 Start DMA Send SDS 0 WO 6 Start DMA Target Receive SDT 0 WO 6 Input Data Register IDR 8 RO 7 Start DMA Initiator Receive SDI 0 WO 7 Reset ParityInterrupts RPI 0 RO FIGURE 32 Registers 6 |