| Zakładka z wyszukiwarką danych komponentów |
|
CD74AC00M96 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD74AC00M96 Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 14 page ![]() CD54AC00, CD74AC00 QUADRUPLE 2-INPUT POSITIVE-NAND GATES SCHS303C – JANUARY 2001 – REVISED JUNE 2002 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C –40 °C TO 85 °C –55 °C TO 125 °C UNIT CC MIN MAX MIN MAX MIN MAX 1.5 V 1.4 1.4 1.4 IOH = –50 µA 3 V 2.9 2.9 2.9 4.5 V 4.4 4.4 4.4 VOH VI = VIH or VIL IOH = –4 mA 3 V 2.58 2.48 2.4 V IOH = –24 mA 4.5 V 3.94 3.8 3.7 IOH = –50 mA† 5.5 V 3.85 IOH = –75 mA† 5.5 V 3.85 1.5 V 0.1 0.1 0.1 IOL = 50 µA 3 V 0.1 0.1 0.1 4.5 V 0.1 0.1 0.1 VOL VI = VIH or VIL IOL = 12 mA 3 V 0.36 0.44 0.5 V IOL = 24 mA 4.5 V 0.36 0.44 0.5 IOL = 50 mA† 5.5 V 1.65 IOL = 75 mA† 5.5 V 1.65 II VI = VCC or GND 5.5 V ±0.1 ±1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 4 40 80 µA Ci 10 10 10 pF † Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize power dissipation. Test verifies a minimum 50- Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C. switching characteristics over recommended operating free-air temperature range, VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) –40 °C TO 85 °C –55 °C TO 125 °C UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tPLH AorB Y 83 91 ns tPHL A or B Y 83 91 ns switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) –40 °C TO 85 °C –55 °C TO 125 °C UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tPLH AorB Y 2.7 9.3 2.6 10.2 ns tPHL A or B Y 2.7 9.3 2.6 10.2 ns |