Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC7812BSPAP Arkusz danych(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Numer części AMC7812BSPAP
Szczegółowy opis  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAP Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button AMC7812BSPAP Datasheet HTML 35Page - Texas Instruments AMC7812BSPAP Datasheet HTML 36Page - Texas Instruments AMC7812BSPAP Datasheet HTML 37Page - Texas Instruments AMC7812BSPAP Datasheet HTML 38Page - Texas Instruments AMC7812BSPAP Datasheet HTML 39Page - Texas Instruments AMC7812BSPAP Datasheet HTML 40Page - Texas Instruments AMC7812BSPAP Datasheet HTML 41Page - Texas Instruments AMC7812BSPAP Datasheet HTML 42Page - Texas Instruments AMC7812BSPAP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
CH0
CH1
CH14
CH15
ADC
REF-DAC
REF-OUT
DAC-0
DAC0-OUT
Reference
(2.5V)
ADC-REF-IN/CMP
ControlLogic: Bit
ADC-REF-INT= ‘0’
ControlLogic:
BitPREF= ‘0’
Ext.
Ref.
Ext.
Ref.
CH0
CH1
CH14
CH15
ADC
REF-DAC
REF-OUT
DAC-0
DAC0-OUT
Reference
(2.5V)
ADC-REF-IN/CMP
ControlLogic: Bit
ADC-REF-INT= ‘1’
ControlLogic:
BitPREF= ‘1’
C>470nF
(Minimize
Inductance
toPin)
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
REFERENCE OPERATION
This section describes the operation of the internal and external references.
Internal Reference
The device includes a 2.5-V internal reference. The internal reference is externally available at the REF-OUT pin.
A 100-pF to 10-nF capacitor is recommended between the reference output and GND for noise filtering. The
internal reference is a bipolar transistor-based, precision band-gap voltage reference. The output current is
limited by design to approximately 100 mA.
The internal reference drives all temperature sensors. When connecting the REF-OUT pin to the REF-DAC pin,
the internal reference functions as the DAC reference.
The ADC-REF-IN/CMP pin has a dual function. When an external reference is connected to this pin, the external
reference is used as the ADC reference. When a compensation capacitor (4.7 µF, typical) is connected between
this pin and AGND, the internal reference is used as the ADC reference. When using an external reference to
drive the ADC, the ADC-REF-INT bit in AMC configuration register 0 must be cleared ('0') to turn off the ADC
reference buffer. When using the internal reference to drive the ADC, the ADC-REF-INT bit in AMC configuration
register 0 must be set to '1' to turn on the ADC reference buffer.
External Reference
Figure 89 shows how the external reference is used as the DAC reference when applied on the DAC-REF pin,
and as the ADC reference when applied on the ADC-REF pin. Figure 90 shows the use of the internal reference.
Figure 89. Use of the External Reference
Figure 90. Use of the Internal Reference
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92