Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC3RL02YFPR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC3RL02YFPR
Szczegółowy opis  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02YFPR Arkusz danych(HTML) 5 Page - Texas Instruments

  CDC3RL02YFPR Datasheet HTML 1Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 2Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 3Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 4Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 5Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 6Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 7Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 8Page - Texas Instruments CDC3RL02YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CDC3RL02
www.ti.com
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
7.4 Thermal Information
CDC3RL02
THERMAL METRIC(1)
YFP (TSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
107.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.3
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
4.5
°C/W
ψJB
Junction-to-board characterization parameter
18.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO
VOUT
LDO output voltage
IOUT = 50 mA
1.71
1.8
1.89
V
CLDO
External load capacitance
1
10
μF
IOUT(SC) Short circuit output current
RL = 0 Ω
100
mA
IOUT(PK) Peak output current
VBATT = 2.3 V, VLDO = VOUT – 5%
100
mA
fIN= 217 Hz and 1 kHz
60
PSR
Power supply rejection
VBATT = 2.3 V, IOUT = 2 mA,
dB
fIN= 3.25 MHz
40
VBATT = 2.3 V , CLDO = 1 μF,
0.2
CLK_REQ_n to VLDO = 1.71 V
tsu
LDO startup time
ms
VBATT = 5.5 V , CLDO = 10 μF,
1
CLK_REQ_n to VLDO = 1.71 V
POWER CONSUMPTION
ISB
Standby current
Device in standby (all VCLK_REQ_n = 0 V)
0.2
1
μA
ICCS
Static current consumption
Device active but not switching
0.4
1
mA
IOB
Output buffer average current
fIN = 26 MHz, CLOAD = 50 pF
4.2
mA
Output power dissipation
CPD
fIN = 26 MHz
44
pF
capacitance
MCLK_IN INPUT
MCLK_IN, CLK_REQ_1/2 leakage
II
VI = VLDO or GND
1
μA
current
CI
MCLK_IN capacitance
fIN = 26 MHz
4.75
pF
RI
MCLK_IN impedance
fIN = 26 MHz
6
k
Ω
fIN
MCLK_IN frequency range
10
26
52
MHz
MCLK_IN LVCMOS SOURCE
1-kHz offset
–140
10-kHz offset
–149
Additive phase noise
fIN = 26 MHz, tr/tf ≤ 1 ns
dBc/Hz
100-kHz offset
–153
1-MHz offset
–148
Additive jitter
fIN = 26 MHz, VPP = 0.8 V, BW = 10–5 MHz
0.37
ps (rms)
MCLK_IN to CLK_OUT_n
tDL
11
ns
propagation delay
DCL
Output duty cycle
fIN = 26 MHz, DCIN = 50%
45%
50%
55%
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20