| Zakładka z wyszukiwarką danych komponentów |
|
ADE3700X Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700X Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 89 page ![]() 21/89 ADE3700 Line Lock PLL LLK_PLL_LOCK_TOL 0x0819 R/W [7:0] 0x20 More than lock_line_nb lines with a phase error less than the lock_tol will set the lock status bit, and the pll will work with the lock time constant. One or more lines with a phase error more than lock_tol will reset the lock status bit, and the pll will work with the slow time constant. LSB of lock tol is approx. 200ps. LLK_PLL_LOCK_LINE_NB 0x081A R/W [7:0] 0x30 LLK_PLL_PH_OFFSET 0x081B R/W [7:0] 0x0 Phase adjustment. The maximum phase offset value is equal to phase_rate[31:21] or 0x40, whichever is higher. LLK_PLL_PH_OFFSET_EN 0x081C R/W [7] 0x0 phase enable [6] skip pulse [5] skip pulse at every rising edge of hsync [4:0] Reserved LLK_PLL_PULSE_HIGH_EXT 0x081D R/W [7] 0x0 0: no pulse extend 1: extend pulse (normal) [6:3] Reserved R/W [2:0] 0x0 pulse extend amount 0x0: minimum 0x7: maximum (normal) LLK_PLL_STAT_LINES_L 0x081E R/W [7:0] 0x10 Number of lines to statistically analyze. LLK_PLL_STAT_LINES_H 0x081F R/W [7:0] LLK_PLL_STAT_ERROR_INC_LO W 0x0820 [7:0] Reserved LLK_PLL_FINE_ERROR_WAIT 0x0821 [7:4] Reserved R/W [3:0] 0x0 Wait this number of CTRL_CLK cycles before updating the PLL. LLK_PLL_STAT_ON_VSYNC 0x0822 [7:2] Reserved R/W [1] 0x0 PLL statistic synchronize on falling edge of vsync R/W [0] 0x0 PLL statistic synchronize on rising edge of vsync LLK_PLL_MFACTOR_SHADOW_L 0x0823 R/W [7:0] 0x80 Number of clocks in a line. LLK_PLL_MFACTOR_SHADOW_U 0x0824 R/W [7:0] 0x02 Registers 0x0803 and 0x0802 are transferred to those registers according to update_on_venab_fe. Table 7: Line Lock PLL Registers (Sheet 3 of 4) Register Name Addr Mode Bits Default Description |