Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE7751ARSRL Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADE7751ARSRL
Szczegółowy opis  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADE7751ARSRL Arkusz danych(HTML) 2 Page - Analog Devices

  ADE7751ARSRL Datasheet HTML 1Page - Analog Devices ADE7751ARSRL Datasheet HTML 2Page - Analog Devices ADE7751ARSRL Datasheet HTML 3Page - Analog Devices ADE7751ARSRL Datasheet HTML 4Page - Analog Devices ADE7751ARSRL Datasheet HTML 5Page - Analog Devices ADE7751ARSRL Datasheet HTML 6Page - Analog Devices ADE7751ARSRL Datasheet HTML 7Page - Analog Devices ADE7751ARSRL Datasheet HTML 8Page - Analog Devices ADE7751ARSRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
ADE7751–SPECIFICATIONS1, 2
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference,
CLKIN = 3.58 MHz, TMIN to TMAX = –40 C to +85 C.)
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
3
Measurement Error
1 on Channels 1 and 2
One Channel with Full-Scale Signal (
±660 mV)
Gain = 1
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Gain = 2
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Gain = 8
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Gain = 16
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Phase Error
1 between Channels
Line Frequency = 45 Hz to 55 Hz
V1 Phase Lead 37
°
(PF = 0.8 Capacitive)
±0.1
Degrees(
°) max
AC/
DC = 0 and AC/DC = 1
V1 Phase Lag 60
°
(PF = 0.5 Inductive)
±0.1
Degrees(
°) max
AC/
DC = 0 and AC/DC = 1
AC Power Supply Rejection
1
AC/
DC = 1, S0 = S1 = 1, G0 = G1 = 0
Output Frequency Variation (CF)
0.2
% Reading typ
V1 = 100 mV rms, V2 = 100 mV rms @ 50 Hz
Ripple on AVDD of 200 mV rms @ 100 Hz
DC Power Supply Rejection
1
AC/
DC = 1, S0 = S1 = 1, G0 = G1 = 0
Output Frequency Variation (CF)
±0.3
% Reading typ
V1 = 100 mV rms, V2 = 100 mV rms,
AVDD = DVDD = 5 V
± 250 mV
FAULT DETECTION
1, 4
See Fault Detection Section
Fault Detection Threshold
Inactive i/p <> Active i/p
12.5
% typ
(V1A or V1B Active)
Input Swap Threshold
Inactive i/p > Active i/p
14
% of Active typ
(V1A or V1B Active)
Accuracy Fault Mode Operation
V1A Active, V1B = AGND
0.1
% Reading typ
Over a Dynamic Range 500 to 1
V1B Active, V1A = AGND
0.1
% Reading typ
Over a Dynamic Range 500 to 1
Fault Detection Delay
3
Second typ
Swap Delay
3
Second typ
ANALOG INPUTS
See Analog Inputs Section
Maximum Signal Levels
±1V max
V1A, V1B, V1N, V2N, and V2P to AGND
Input Impedance (DC)
390
k
Ω min
CLKIN = 3.58 MHz
Bandwidth
14
kHz typ
CLKIN/256, CLKIN = 3.58 MHz
ADC Offset Error
1
±25
mV max
See Terminology and Typical Performance
Characteristics
Gain Error
1
±10
% Ideal typ
External 2.5 V Reference, Gain = 1,
V1 = V2 = 660 mV dc
Gain Error Match
1
±0.4
% Ideal typ
External 2.5 V Reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.7
V max
2.5 V + 8%
2.3
V min
2.5 V – 8%
Input Impedance
3.2
k
Ω min
Input Capacitance
10
pF max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±200
mV max
Temperature Coefficient
±30
ppm/
°C typ
CLKIN
Note All Specifications for CLKIN of 3.58 MHz
Input Clock Frequency
4
MHz max
1
MHz min
LOGIC INPUTS
4
SCF, S0, S1, AC/
DC,
RESET, G0, and G1
Input High Voltage, VINH
2.4
V min
DVDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V
± 5%
Input Current, IIN
± 3
µA max
Typically 10 nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
pF max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16