Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83902AVLC Arkusz danych(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części DP83902AVLC
Szczegółowy opis  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AVLC Arkusz danych(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83902AVLC Datasheet HTML 30Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 31Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 32Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 33Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 34Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 35Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 36Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 37Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
100 Internal Registers (Continued)
104 DMA REGISTERS
DMA Registers
TLF11157 – 19
The DMA Registers are partitioned into groups Transmit
Receive and Remote DMA Registers The Transmit regis-
ters are used to initialize the Local DMA Channel for trans-
mission of packets while the Receive Registers are used to
initialize the Local DMA Channel for packet Reception The
Page Stop Page Start Current and Boundary Registers are
used by the Buffer Management Logic to supervise the Re-
ceive Buffer Ring The Remote DMA Registers are used to
initialize the Remote DMA
Note
In the figure above registers are shown as 8 or 16 bits wide Although
some registers are 16-bit internal registers all registers are accessed
as 8-bit registers Thus the 16-bit Transmit Byte Count Register is
broken into two 8-bit registers TBCR0 TBCR1 Also TPSR PSTART
PSTOP CURR and BNRY only check or control the upper 8 bits of
address information on the bus Thus they are shifted to positions
15–8 in the diagram above
105 TRANSMIT DMA REGISTERS
TRANSMIT PAGE START REGISTER (TPSR)
This register points to the assembled packet to be transmit-
ted Only the eight higher order addresses are specified
since all transmit packets are assembled on 256-byte page
boundaries The bit assignment is shown below The values
placed in bits D7 – D0 will be used to initialize the higher
order address (A8 – A15) of the Local DMA for transmission
The lower order bits (A7 – A0) are initialized to zero
Bit Assignment
76543210
TPSR
A15
A14
A13
A12
A11
A10
A9
A8
(A7–A0 Initialized to Zero)
TRANSMIT BYTE COUNT REGISTER 0 1
(TBCR0 TBCR1)
These two registers indicate the length of the packet to be
transmitted in bytes The count must include the number of
bytes in the source destination length and data fields The
maximum number of transmit bytes allowed is 64 Kbytes
The ST-NIC will not truncate transmissions longer than
1500 bytes The bit assignment is shown below
76543210
TBCR1
L15
L14
L13
L12
L11
L10
L9
L8
76543210
TBCR0
L7
L6
L5
L4
L3
L2
L1
L0
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70