| Zakładka z wyszukiwarką danych komponentów |
|
FMD28-461SL Arkusz danych(PDF) 4 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FMD28-461SL Arkusz danych(HTML) 4 Page - Interpoint Corporation Company |
|
4 / 8 page ![]() MoDel nuMBering key FMD 28 - 461 SL / ES Base Model Input Voltage MIL-STD-461 Reference Screening Case Option (leave blank for down-leaded case, J4) (Standard screening has no designator in this position.) FIguRe 5: MOdel nuMBeRIng key MoDel nuMBer options 1 To deTermine The model number enTer one opTion from each caTegory in The form below . category Base Model and input Voltage case option 2 screening 3 options FMD28-461 (down-leaded case, J4, leave blank) Standard (leave blank) SL (side-leaded case, U) /ES Fill in For MoDel # FMD28-461 __________ / Notes: 1. See Model Numbering Key above for an example of a model number. 2. Case Options: Leave the case option blank for the standard, down-leaded case, “Figure 6: Case J4 - FMD28-461” on page 6. Use SL in the case option position for the side-leaded case, “Figure 7: Case U - FMD28-461SL” on page 7. 3. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see “Table 6: Environmental Screening” on page 8. taBle 3: MOdel nuMBeR OptIOns Crane Aerospace & Electronics Power Solutions Page 4 of 8 FMD28-461 eMi input Filters 28 Volt input – 7 aMp FMD28 Rev AA - 2014.02.06 www.craneae.com/interpoint |