| Zakładka z wyszukiwarką danych komponentów |
|
MSA2815S/883 Arkusz danych(PDF) 3 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MSA2815S/883 Arkusz danych(HTML) 3 Page - Interpoint Corporation Company |
|
3 / 15 page ![]() 200 pF 3.9 K 10 K Inhibit Input Common 10 k 12 k 5 k 400 50 k 2N3904 10V Vcc Positive Input Figure 2: inhibit interFaCe msa anD mga + C2 T1 C1 Case C3 Input Common Positive Input Positive Output Output Common To Load Positive Input Input Common Positive Output Output Common From input power source EMI Filter Case T1 Figure 3: loW noise output Filter msa anD mga single output moDels C2 T2 C1 T2 C4 C3 C5 To Loads Case Input Common Positive Input Positive Output Output Common Positive Input Input Common Positive Output Output Common From input power source EMI Filter Case Negative Output + + Figure 4: loW noise output Filter msa anD mga Dual output moDels ThefiltersuggestionsinFigure3andFigure4 willfurtherreducetheoutputrippleforsystems requiringverylowoutputnoise. C1=0.27µFceramiccapacitor,500V C2=C4=6.8µFtantalumcapacitor C3=C5=0.27µFceramiccapacitor Singleoutput: T1=15T#28AWGwindingontoroid,5m=5000 Dualoutput: T2=10T#28AWGwindingontoroid,5m=5000 Crane Aerospace & Electronics Power Solutions MSA/MGA Single and Dual DC-DC Converters 28 Volt input – 5 WAtt www.craneae.com/interpoint Page3of15 MSA_MGARevAC-2013.06.13 |